Part Number Hot Search : 
LM339A 1N4153 15005WR 1N53911 NCV4274A DM7308G 0800074 4HC451
Product Description
Full Text Search
 

To Download SF801F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 voltage - 50 to 600 volts current - 8.0 amperes superfast recovery rectifi er superfast recovery rectifi er sf 801 f th ru sf 807 f features mechanical data low forward voltage drop high current capabilityhigh reliability high surge current capability good for switching mode application o high temperature soldering 260 c/10seconds at terminals pb free product are available 99% sn above can meet rohs environment substance directive request case ito220ac molded plastic epoxy ul 94v-0 rate flame retardant lead lead solderable per mil-std-202, method 208 guranteedpolarity as marked mounting position any weight 2.24gram maximum ratixgs and electrical characteristics u n i t s 0 c - 5 5 t o + 1 5 0 n s p f v o l t s v o l t s v o l t s a m p s a m p s v o l t s 8.0 125 0.95 50 35 1.3 1.7 10 500 50 o ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive loadfor capacitive load, derate current by 20% parameter maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375 0 (9.5mm) lead length at t c =100 c peak forward surge current 8.3ms single half sine- wave superimposed on rated load (jedec method) maximum instandeous forward voltage at 8.0a 0 maximum dc reverse current t a =25 c 0 at rated dc blocking voltage t a =100 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) operating and storage temperature ra nge t j ,t stg a SF801F 50 35 50 sf802f 100 70 100 sf803f 150 105 150 sf804f 200 140 200 sf805f 300 210 300 sf806f 400 320 400 sf807f 600 420 600 notes 1. reverse recovery time test condition i f =0.5a , i r =1.0a , i rr =0.25a 2. measured at 1.0mhz and applied reverse voltage of 4.0v d.c i t o - 2 2 0 a c www.paceleader.com.tw
2 ratings and characteristic curves SF801F thru sf807f superfast recovery rectifi er superfast recovery rectifi er sf 801 f th ru sf 807 f www.paceleader.com.tw


▲Up To Search▲   

 
Price & Availability of SF801F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X